Part Number Hot Search : 
1N4741 TIP29C LXT970A SA8507 2SC2983 00146 15KPA40A B80N06
Product Description
Full Text Search
 

To Download AB4005 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ab40 - ab380/c 1000g avalanche glass passivated bridge rectifiers prv : 100 - 900 volts io : 1.0 amperes features : * glass passivated chip * high case dielectric strength * high surge current capability * high reliability * low reverse current * low forward voltage drop * ideal for printed circuit board mechanical data : * case : reliable low cost construction utilizing molded plastic technique * epoxy : ul94v-o rate flame retardant * terminals : plated leads solderable per mil-std-202, method 208 guaranteed * polarity : polarity symbols marked on case * mounting position : any * weight : 1.29 grams maximum ratings and electrical characteristics rating at 25 c ambient temperature unless otherwise specified. single phase, half wave, 60 hz, resistive or inductive load. for capacitive load, derate current by 20%. symbol ab40- c1000g ab80- c1000g ab125- c1000g ab250- c1000g ab380- c1000g unit maximum recurrent peak reverse voltage v rrm 100 200 300 600 900 v maximum rms input voltage r+c -load v rms 40 80 125 250 380 v maximum dc blocking voltage v dc 100 200 300 600 900 v minimum avalanche breakdown voltage at 100 m a v bo(min.) 150 250 350 700 1000 v maximum avalanche breakdown voltage at 100 m a v bo(max.) 600 700 800 1150 1450 v maximum average forward current for free air operation at tc = 45 c r+l -load i f(av) 1.2 a c -load 1.0 peak forward surge current single half sine wave on rated load (jedec method) at t j = 125 c rating for fusing at t j = 125 c ( t < 100 ms.) i 2 t 10 a 2 s maximum series resistor c-load v rms = 10% r t 1.0 2.0 4.0 8.0 12.0 w maximum load capacitance + 50% -10% maximum forward voltage per diode at i f = 1.0 a v f 1.0 v maximum reverse current at rated repetitive peak voltage per diode ta = 25 c typical thermal resistance (note 1) r q ja 36 c/w operating junction temperature range t j - 50 to + 125 c storage temperature range t stg - 50 to + 125 c notes : 1 ) thermal resistance from junction to ambient at 0.375" (9.5 mm) lead length p.c. board with, 0.22" x 0.22" (5.5 x 5.5 mm) copper pads. page 1 of 2 rev. 02 : march 25, 2005 m a 2500 5000 c l i r 10 m f 200 500 1000 rating i fsm 40 a wob - 0.39 (10.0) 0.31 (7.87) 0.034 (0.86) 0.028 (0.71) ac + 1.10 (27.9) min. 0.22 (5.59) 0.18 (4.57) 0.22 (5.59) 0.18 (4.57) 0.22 (5.59) 0.18 (4.57) + - ac ac 1.00 (25.4) min. dimension in inches and (millimeter) * pb / rohs free
rating and characteristic curves ( ab40 - ab380/c1000g ) fig.1 - derating curve fig.2 - derating curve for output rectified current for output rectified current ab40 c1000g - ab125 c1000g ab250 c1000g - ab380 c1000g 0 20 40 60 80 100 120 140 20 40 60 80 100 120 140 case temperature, ( c) case temperature, ( c) fig.3 - typical forward characteristics fig.4 - typical reverse characteristics 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 forward voltage, volts fig.5 - maximum non-repetitive fig. 6 - typical junction capacitance peak forward current per bridge element 1 2 4 6 10 20 40 60 100 0.1 0.2 0.6 1 2 4 6 10 20 40 100 number of cycles at 60hz reverse voltage, volts page 2 of 2 rev. 02 : march 25, 2005 capacitive load resistive or inductive load. 1.0 0.6 0.4 1.2 10 10 1.0 0 0.01 1 80 0.01 0.1 0.1 100 140 0 20 40 60 120 percent of rated reverse voltage, (%) bridge output full wave rectified current average amperes forward current, amperes reverse current, microamperes t j = 25 c pulse width = 300 s 1 % duty cycle t j = 100 c t j = 25 c 0.8 0.375(9.5mm) copper pads 0.22" x 0.22" (5.5mm x 5.5mm) pc board 20 0.2 capacitive load 0-10 m f 10-100 m f =100 m f 1.0 0.6 0.4 1.2 0 0.8 0.2 bridge output full wave rectified current average amperes resistive or inductive load. copper pads 0.22" x 0.22" (5.5mm x 5.5mm) 0.375(9.5mm) pc board 0-10 m f 10-100 m f =100 m f 40 30 20 10 0 peak forward current, amperes 1 2 4 10 6 20 40 60 100 capacitance, pf t j = 25 c f = 1mhz vsig = 50mvp-p


▲Up To Search▲   

 
Price & Availability of AB4005

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X